Part Number Hot Search : 
10B7A TCR2EN25 MMBFJ109 DG2015 VHC04 N4737 B520C D2W115CD
Product Description
Full Text Search
 

To Download NTE15032 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE15032, NTE15033, NTE15040, & NTE15041 Integrated Circuit TV Fixed Voltage Regulator
Features: D Triple Diffused Darlington Transistor Chips Incorporated D Compact Plastic Package with Industry Standard Reliability D Output Voltage is Pre-Fixed - No External Adjustment is Required Absolute Maximum Ratings: Peak Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V Output Current, IO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Power Dissipation (TC = +100C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27W Maximum Power Transistor Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Operating Temperature Range (TC), Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +125C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +125C Electrical Characteristics: (TA = +25C unles otherwise specified)
Parameter Output Voltage NTE15032 NTE15033 NTE15040 NTE15041 Load Regulation Output Voltage Temperature Coefficient Input-Output Saturation Voltage Input-Output Voltage DC Current Gain Power Transistor Thermal Resistance Input-Output Cutoff Current Output-Base Reverse Current Capacity VCEO hFE RthJC ICEO VLOAD IO = 250mA to 500mA VIN = VAC, IO = 500mA, TC = -20 to +100C VCE(sat) IC = 1A, IB = 10mA ICEO = 10mA, IB = 0 IC = 1A, VCE = 4V Between Junction and Stem Upper Surface VCE = 200V, Pin1, Pin2, and Pin5 Open VAC = 161V, IIn = 7.2mA Symbol VOUT Test Conditions VAC = 161V, IIn = 6.9mA Min Typ Max Unit V V V V V mV/C V V C/W A mA
129.2 130.0 130.8 134.2 135.0 135.8 119.2 120.0 120.8 124.2 125.0 125.8 - - - 200 1500 - - 0.8 0 - - - 1.8 - - - - 1.5 - 6500 - 100 300
IEB(S/B) t = 65msec (Between Emitter-Base)
Note 1. Recommended Case Temperature: Topr = +100C.
Pin Connection Diagram (Front View)
5 Blank 4 Output 3 Input 2 Base 1 Common (-)
.700 (17.7)
.177 (4.5)
.700 (17.7)
.177 (4.5)
.196 (5.0)
1.101 (527.9)
1
2
3
4
5 .133 (3.4)
OR
1
2
3
4
5
1.691 (42.9)
.276 (7.0) .590 (15.0) .237 (6.0)
.100 (2.54) .500 (12.7)
.150 (3.8)
.100 (2.54) .500 (12.7)
.150 (3.8)
.177 (4.5)


▲Up To Search▲   

 
Price & Availability of NTE15032

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X